Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM3A-GKW Datasheet(PDF) 2 Page - Cree, Inc

Part # CLM3A-GKW
Description  Cree PLCC2 1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM3A-GKW Datasheet(HTML) 2 Page - Cree, Inc

  CLM3A-GKW Datasheet HTML 1Page - Cree, Inc CLM3A-GKW Datasheet HTML 2Page - Cree, Inc CLM3A-GKW Datasheet HTML 3Page - Cree, Inc CLM3A-GKW Datasheet HTML 4Page - Cree, Inc CLM3A-GKW Datasheet HTML 5Page - Cree, Inc CLM3A-GKW Datasheet HTML 6Page - Cree, Inc CLM3A-GKW Datasheet HTML 7Page - Cree, Inc CLM3A-GKW Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC2 1 in 1 SMD LED
CLM3A-BKW/GKW
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
BKW/GKW
Forward Current
I
F
25
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Note: Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
BKW/GKW
V
F
I
F = 20 mA
V
3.1
4.0
Reverse Current
BKW/GKW
I
R
V
R = 5 V
μA
10
Dominant Wavelength
BKW
λ
D
I
F = 20 mA
nm
465
470
480
GKW
λ
D
I
F = 20 mA
nm
520
527
535
Luminous Intensity
BKW
I
V
I
F = 20 mA
mcd
355
500
GKW
I
V
I
F = 20 mA
mcd
1120
1400
Junction/Solder Point
BKW
R
THJS
I
F = 20 mA
°C/W
350
GKW
R
THJS
I
F = 20 mA
°C/W
380


Similar Part No. - CLM3A-GKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3A-MKW CREE-CLM3A-MKW Datasheet
376Kb / 10P
   1-in-1 SMD LED
CLM3A-MKW-CVBXA133 CREE-CLM3A-MKW-CVBXA133 Datasheet
376Kb / 10P
   1-in-1 SMD LED
logo
Marktech Corporate
CLM3A-MKW-CVbXa133 MARKTECH-CLM3A-MKW-CVbXa133 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3A-MKW-CVBXA233 CREE-CLM3A-MKW-CVBXA233 Datasheet
376Kb / 10P
   1-in-1 SMD LED
logo
Marktech Corporate
CLM3A-MKW-CVbXa233 MARKTECH-CLM3A-MKW-CVbXa233 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM3A-GKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW_17 Datasheet
795Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
CLM3C-RKW CREE-CLM3C-RKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com