Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP41A-RFS Datasheet(PDF) 2 Page - Cree, Inc

Part # CP41A-RFS
Description  Cree P4 LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41A-RFS Datasheet(HTML) 2 Page - Cree, Inc

  CP41A-RFS Datasheet HTML 1Page - Cree, Inc CP41A-RFS Datasheet HTML 2Page - Cree, Inc CP41A-RFS Datasheet HTML 3Page - Cree, Inc CP41A-RFS Datasheet HTML 4Page - Cree, Inc CP41A-RFS Datasheet HTML 5Page - Cree, Inc CP41A-RFS Datasheet HTML 6Page - Cree, Inc CP41A-RFS Datasheet HTML 7Page - Cree, Inc CP41A-RFS Datasheet HTML 8Page - Cree, Inc CP41A-RFS Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree P4 LED
CP41A-RDS/ADS
CP41A-RFS/RFS
CP41A-RHS/AHS
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
70 Note1
mA
Peak Forward Current Note2
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D (Red)
238
mW
P
D (Amber)
224
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 5 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note:
1. A heat sink is recommended if the device is operated at ambient temperatures higher than 25°C.
2.Pulsewidth≤0.1msec,duty≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red
V
F
I
F = 70 mA
V
2.3
3.2
Amber
V
F
I
F = 70 mA
V
2.5
3.2
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 70 mA
nm
620
624
630
Amber
λ
D
I
F = 70 mA
nm
587
591
596
Luminous Flux
Red
CP41A-RDS (40 degree)
Φ
v
I
F = 70 mA
mlm
4400
5500
CP41A-RFS (70 degree)
Φ
v
I
F = 70 mA
mlm
4400
6000
CP41A-RHS (100 degree)
Φ
v
I
F = 70 mA
mlm
4400
6500
Amber
CP41A-ADS (40 degree)
Φ
v
I
F = 70 mA
mlm
4400
6200
CP41A-AFS (70 degree)
Φ
v
I
F = 70 mA
mlm
4400
6600
CP41A-AHS (100 degree)
Φ
v
I
F = 70 mA
mlm
4400
7200
50% Power Angle
CP41A-RDS/ADS
2θ½
I
F = 70 mA
deg
40
CP41A-RFS/AFS
2θ½
I
F = 70 mA
deg
70
CP41A-RHS/AHS
2θ½
I
F = 70 mA
deg
100


Similar Part No. - CP41A-RFS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP41A-PDS-CL0N0JJ4 CREE-CP41A-PDS-CL0N0JJ4 Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP41A-PDS-CM0N0JJ4 CREE-CP41A-PDS-CM0N0JJ4 Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP41A-PFS CREE-CP41A-PFS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP41A-PFS-CL0P0JJ4 CREE-CP41A-PFS-CL0P0JJ4 Datasheet
779Kb / 9P
   Cree짰 P4 LED
More results

Similar Description - CP41A-RFS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com