Electronic Components Datasheet Search |
|
AMS385-2.5AN Datasheet(PDF) 3 Page - Advanced Monolithic Systems |
|
AMS385-2.5AN Datasheet(HTML) 3 Page - Advanced Monolithic Systems |
3 / 8 page AMS285-2.5/AMS385-2.5 Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics . The guaranteed specifications apply only for the test conditions listed. Note 2: For elevated temperature operation, Tj max is: AMS285 +125°C AMS385 +100°C Thermal Resistance TO-92 SO-8 SOT-89 ϕ JA (junction to ambient) 170°C/W (0.125” leads) 165°C/W 160°C/W Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C. Note 4: Guaranteed and 100% production tested. Note 5: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels. Note 6: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX and TMIN, divided by TMAX - TMIN. The measured temperatures are 0°C, 25°C, 70°C and 85°C. PIN CONNECTIONS TO-92 8L SOIC SOT-89 Plastic Package (N) SO Package (S) (L) 1 2 3 12 8 4 3 75 6 N/C N/C N/C N/C N/C N/C + - N/C - + 1 2 3 Bottom View Top View Top View TYPICAL APPLICATIONS Wide Input Micropower Reference Range Reference from 9V Battery 3.3k LM334 OUT 2.5V AMS385-2.5 V IN = 3.7V TO 30V AMS385-2.5 2.5V 200k 9V Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 |
Similar Part No. - AMS385-2.5AN |
|
Similar Description - AMS385-2.5AN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |