Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011 Datasheet(PDF) 8 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AR1011 Datasheet HTML 4Page - Microchip Technology AR1011 Datasheet HTML 5Page - Microchip Technology AR1011 Datasheet HTML 6Page - Microchip Technology AR1011 Datasheet HTML 7Page - Microchip Technology AR1011 Datasheet HTML 8Page - Microchip Technology AR1011 Datasheet HTML 9Page - Microchip Technology AR1011 Datasheet HTML 10Page - Microchip Technology AR1011 Datasheet HTML 11Page - Microchip Technology AR1011 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 8
 2009-2016 Microchip Technology Inc.
2.5
5-Wire Sensor
A 5-wire resistive touch sensor consists of a flex and
stable layer, electrically separated by spacer dots. The
touch position is determined by first applying a voltage
gradient across the stable layer in the X-axis direction
and using the flex layer to measure the axis touch posi-
tion voltage. The second step is applying a voltage gra-
dient across the stable layer in the Y-axis direction and
using the flex layer to measure the axis touch position
voltage.
The voltage is not directly applied to the edges of the
active layer, as it is for 4-wire and 8-wire sensors. The
voltage is applied to the corners of a 5-wire sensor.
To measure the X-axis, the left edge of the layer is
driven with 0V (ground), using connections to the upper
left and lower left sensor corners. The right edge is
driven with +5 VDC, using connections to the upper
right and lower right sensor corners.
To measure the Y-axis, the top edge of the layer is
driven with 0V (ground), using connections to the upper
left and upper right sensor corners. The bottom edge is
driven with +5 VDC, using connections to the lower left
and lower right sensor corners.
The measured voltage at any position across a driven
axis is predictable. A touch moving in the direction of
the driven axis will yield a linearly changing voltage. A
touch moving perpendicular to the driven axis will yield
a relatively unchanging voltage (See Figure 2-3).
FIGURE 2-3:
5-Wire Decoding


Similar Part No. - AR1011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1011-I/ML MICROCHIP-AR1011-I/ML Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1011-I/ML MICROCHIP-AR1011-I/ML Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1011-I/SO MICROCHIP-AR1011-I/SO Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1011-I/SO MICROCHIP-AR1011-I/SO Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1011-I/SS MICROCHIP-AR1011-I/SS Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
More results

Similar Description - AR1011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com