Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1011 Datasheet(PDF) 1 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 1 Page - Microchip Technology

  AR1011 Datasheet HTML 1Page - Microchip Technology AR1011 Datasheet HTML 2Page - Microchip Technology AR1011 Datasheet HTML 3Page - Microchip Technology AR1011 Datasheet HTML 4Page - Microchip Technology AR1011 Datasheet HTML 5Page - Microchip Technology AR1011 Datasheet HTML 6Page - Microchip Technology AR1011 Datasheet HTML 7Page - Microchip Technology AR1011 Datasheet HTML 8Page - Microchip Technology AR1011 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 1
Special Features
• RoHS Compliant
• Power-Saving Sleep mode
• Industrial Temperature Range
• Built-in Drift Compensation Algorithm
• 128 Bytes of User EEPROM
Power Requirements
• Operating Voltage: 2.5-5.0V ±5%
• Standby Current:
- 5V: 85 µA, typical; 125 µA (maximum)
- 2.5V: 40 µA, typical; 60 µA (maximum)
• Operating “No touch” Current:
- 3.0 mA (typical)
• Operating “Touch” Current:
- 17 mA, typical, with a touch sensor having
200
 layers
- Actual current is dependent on the touch
sensor used
• AR1011/AR1021 Brown-Out Detection (BOR) set
to 2.2V
Touch Modes
• Off, Stream, Down, Up and more.
Touch Sensor Support
• 4-Wire, 5-Wire and 8-Wire Analog Resistive
• Lead-to-Lead Resistance: 50-2,000
typical)
• Layer-to-Layer Capacitance: 0-0.5 µF
• Touch Sensor Time Constant: 500 µs (maximum)
Touch Resolution
• 10-bit Resolution (maximum)
Touch Coordinate Report Rate
• 140 Reports Per Second (typical) with a Touch
Sensor of 0.02 µF with 200
 Layers
• Actual Report Rate is dependent on the Touch
Sensor used
Communications
• SPI, Slave mode, p/n AR1021
•I2C, Slave mode, p/n, AR1021
• UART, 9600 Baud Rate, p/n AR1011
AR1000 SERIES RESISTIVE TOUCH
SCREEN CONTROLLER
AR1000 Series Resistive Touch Screen Controller


Similar Part No. - AR1011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1011-I/ML MICROCHIP-AR1011-I/ML Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1011-I/ML MICROCHIP-AR1011-I/ML Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1011-I/SO MICROCHIP-AR1011-I/SO Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1011-I/SO MICROCHIP-AR1011-I/SO Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1011-I/SS MICROCHIP-AR1011-I/SS Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
More results

Similar Description - AR1011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com