Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT6832DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT6832DGG
Description  INTEGRATED CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT6832DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT6832DGG Datasheet HTML 1Page - NXP Semiconductors CBT6832DGG Datasheet HTML 2Page - NXP Semiconductors CBT6832DGG Datasheet HTML 3Page - NXP Semiconductors CBT6832DGG Datasheet HTML 4Page - NXP Semiconductors CBT6832DGG Datasheet HTML 5Page - NXP Semiconductors CBT6832DGG Datasheet HTML 6Page - NXP Semiconductors CBT6832DGG Datasheet HTML 7Page - NXP Semiconductors CBT6832DGG Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
CBT6832
16-bit 1-of-2 multiplexer/demultiplexer with precharged
outputs and Schottky undershoot protection for live insertion
2
2000 Jul 18
853-2204 24151
FEATURES
5 Ω typical r
on
Pull-up on B ports
Undershoot protection on A port only: –1.5 V
Near zero propagation delay
Controlled enable rate
V
CC operating range: +4.5 V to +5.5 V
> 100 MHz bandwidth (or clock rate) at 20 pF load capacitance
56-pin TSSOP package
Bias voltage pre-charges the B output when the channel is
disabled
Latch-up protection exceeds 100 mA per JESD78
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
APPLICATION
Provides PCI hot-plugging
DESCRIPTION
The CBT6832 is a 16-bit 1-of-2 multiplexer/demultiplexer with
precharged outputs and Schottky protection for live insertion.
Advantages of the CBT6832 include a propagation delay of 250 ps,
resulting from 5
Ω channel resistance, and low I/O capacitance. A
port demultiplexes to either 1B and 2B, or to both. The switch is
bi-directional.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
45
46
47
48
49
50
51
52
53
54
55
56
1B1
2A
3B1
4B1
4A
5B1
6B1
6A
7B1
8B1
1A
1B2
2B2
3A
3B2
4B2
5A
6B2
5B2
7A
7B2
8B2
8A
13
14
15
16
17
18
39
40
41
42
43
44
GND
VCC
9B1
10B1
10A
GND
9A
VCC
9B2
10B2
11B1
19
38
11A
12B1
20
21
22
23
24
25
32
33
34
35
36
37
12A
13B1
14B1
14A
15B1
11B2
13B2
12B2
14B2
15A
15B2
16B1
26
31 16B2
16A
27
30 VBIAS2
VBIAS1
28
29
SEL1
SEL2
2B1
13A
SW00478
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50 pF; VCC = 5 V
0.25
ns
CIN
Input capacitance
VI = 0 V or VCC
4.5
pF
COUT B
B capacitance
Outputs disabled; VO = 0 V
8
pF
COUT A
A capacitance
Outputs disabled; VO = 0 V
13
pF
C on 1
One channel on capacitance
One B enabled; VO = 0 V
21
pF
C on 2
Both channels on capacitance
Both B channels enabled; VO = 0 V
34
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
56-Pin Plastic TSSOP Type II
0
°C to +70°C
CBT6832 DGG
SOT364-1


Similar Part No. - CBT6832DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
   16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
CBT6832DDGG PHILIPS-CBT6832DDGG Datasheet
67Kb / 8P
   16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
More results

Similar Description - CBT6832DGG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC660L ETC-MC660L Datasheet
557Kb / 8P
   INTEGRATED CIRCUITS
logo
Motorola, Inc
MC853 MOTOROLA-MC853 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
logo
Kwazar-IS
140UD26A KWAZAR-140UD26A Datasheet
185Kb / 2P
   Integrated circuits
logo
Clare, Inc.
IAA170P CLARE-IAA170P Datasheet
92Kb / 6P
   Integrated Circuits
logo
Kwazar-IS
140UD25A KWAZAR-140UD25A Datasheet
1Mb / 2P
   Integrated circuits
logo
List of Unclassifed Man...
LC93300A ETC1-LC93300A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
logo
Clare, Inc.
IAD170P CLARE-IAD170P Datasheet
92Kb / 6P
   Integrated Circuits
logo
Kwazar-IS
525PC2A KWAZAR-525PC2A Datasheet
189Kb / 2P
   Integrated circuits
logo
Clare, Inc.
ITC100P CLARE-ITC100P Datasheet
392Kb / 4P
   Integrated Telecom Circuits
ITC107P CLARE-ITC107P Datasheet
394Kb / 4P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com