Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1830-0000-000N0HU230G Datasheet(PDF) 8 Page - Cree, Inc

Part # CXB1830-0000-000N0HU230G
Description  Cree XLamp CXB1830 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1830-0000-000N0HU230G Datasheet(HTML) 8 Page - Cree, Inc

Back Button CXB1830-0000-000N0HU230G Datasheet HTML 4Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 5Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 6Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 7Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 8Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 9Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 10Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 11Page - Cree, Inc CXB1830-0000-000N0HU230G Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® CXB1830 LED
tyPiCaL sPatiaL DistriBution
PErforManCE grouPs - BrightnEss (i
f = 800 ma, tJ = 85 °C)
XLamp CXB1830 LEDs are tested for luminous flux and placed into one of the following bins.
group Code
Minimum Luminous flux Maximum Luminous flux
S2
2780
2990
S4
2990
3200
T2
3200
3440
T4
3440
3680
U2
3680
3955
U4
3955
4230
v2
4230
4545
v4
4545
4860
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Similar Part No. - CXB1830-0000-000N0HU230G

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Cree, Inc
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ240E CREE-CXB1816-0000-000N0BQ240E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ250E CREE-CXB1816-0000-000N0BQ250E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ257E CREE-CXB1816-0000-000N0BQ257E Datasheet
2Mb / 15P
   XLamp LED
More results

Similar Description - CXB1830-0000-000N0HU230G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com