Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQCO875SC.3-HS Datasheet(PDF) 4 Page - Microchip Technology

Part # EQCO875SC.3-HS
Description  Pb-Free and RoHS Compliant
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO875SC.3-HS Datasheet(HTML) 4 Page - Microchip Technology

  EQCO875SC.3-HS Datasheet HTML 1Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 2Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 3Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 4Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 5Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 6Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 7Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 8Page - Microchip Technology EQCO875SC.3-HS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
EQCO850SC.3-HS/EQCO875SC.3-HS
DS60001313A-page 4
 2010-2015 Microchip Technology Inc.
FIGURE 1-2:
EQCO850SC.3-HS PIN DIAGRAM (VIEWED FROM TOP)
TABLE 1-1:
EQCO850SC.3-HS PIN DESCRIPTIONS
Pin Number
Pin Name
Signal Type
Description
(TAB)
GND
Power
Connect to ground of power supply.
15
DVCC
Power
Connect to +3.3V of power supply.
13
DGND
Power
Connect to ground of power supply.
1
AVCC
Power
Analog VCC.
Connect to +3.3V of power supply via RF choke and
capacitor to cable outer screen.
4
AGND
Power
Analog GND.
Connect to cable outer screen.
2
SDIO
Bidirectional
Serial Input/Output. Connect to center conductor of 50Ω
coax cable.
3
REF
Bidirectional
Reference. Connect through 50Ω resistor (or impedance
matched to cable) to cable outer screen.
8CD
Output
(open drain)
Leave unconnected. Use of this pin is not advised in practice.
10, 9
SDIp/SDIn
Input
Positive/negative differential serial input.
Connect to the LVDS output.
12, 11
SDOp/SDOn
Output
Positive/negative differential serial input.
Connect to the LVDS input.
14, 5
OPT0, OPT1
Input
Connect Opt0 and Opt1 both to DVCC (3.3V) for correct
mode selection.
6, 7
CLK, SI
Input
Used for Production test. Connect to DGND.
16
CCUT
Analog
Not used in LVDS applications. Connect to Pin 15 DVCC.
GND TAB
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
DGND
SI
AVCC
SDIn
SDIp
DVCC
SDOn
SDOp
EQCO
850SC.3-HS
REF
CD*
SDIO
AGND
CCUT
CLK
OPT1
OPT0


Similar Part No. - EQCO875SC.3-HS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO875SC.3-TRAY MICROCHIP-EQCO875SC.3-TRAY Datasheet
748Kb / 20P
   EQCO875SC.3/EQCO850SC.3 Single-Coax Transceiver for Fast Ethernet
07/14/15
More results

Similar Description - EQCO875SC.3-HS

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
KTLP168J COSMO-KTLP168J_13 Datasheet
131Kb / 6P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011056 MA-COM-MAFL-011056 Datasheet
211Kb / 6P
   RoHS Compliant and Pb free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com