Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS2063 Datasheet(PDF) 2 Page - Microchip Technology

Part # IS2063
Description  Qualified for Bluetooth v4.2 specifications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2063 Datasheet(HTML) 2 Page - Microchip Technology

  IS2063 Datasheet HTML 1Page - Microchip Technology IS2063 Datasheet HTML 2Page - Microchip Technology IS2063 Datasheet HTML 3Page - Microchip Technology IS2063 Datasheet HTML 4Page - Microchip Technology IS2063 Datasheet HTML 5Page - Microchip Technology IS2063 Datasheet HTML 6Page - Microchip Technology IS2063 Datasheet HTML 7Page - Microchip Technology IS2063 Datasheet HTML 8Page - Microchip Technology IS2063 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
IS2063
DS60001432A-Page 2
Advance Information
 2016 Microchip Technology Inc.
Peripherals
• High-speed HCI-UART interface (supports up to
921,600 bps)
• Built-in lithium-ion and lithium-polymer battery
charger (up to 350 mA)
• Integrated 1.8V and 3V configurable switching
regulator and low-dropout (LDO)
• Built-in ADC for battery monitoring and voltage
sensor
• An AUX-In port for external audio input
• Three LED drivers
Operating Condition
• Operating voltage: 3.2V to 4.2V
• Temperature range: -20°C to +70°C
Applications
• Soundbars and Subwoofers
• Speaker phones
• Headsets and headphones
Description
The IS2063 is a stereo audio SoC qualified for
Bluetooth v4.2 with Enhanced Data Rate (EDR). It
integrates a 32-bit DSP co-processor and a codec
which is dedicated for voice and audio applications. For
voice applications, the CVSD encoding/decoding, 8K/
16K noise reduction and echo cancellation are
implemented. For audio applications, the SBC and
AAC Low-Complexity (AAC-LC) decoding functions
are used.
The IS2063 SoC features a 20-bit audio DAC in
addition to an I2S digital audio interface that supports
up to 24-bit, 96 kHz data formats. The system
optimization includes an integrated battery voltage
sensor, a battery charger, a switching regulator and
LDOs.


Similar Part No. - IS2063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS206 ETC-IS206 Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
IS206 ISOCOM-IS206 Datasheet
72Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
logo
Microchip Technology
IS2062 MICROCHIP-IS2062 Datasheet
8Mb / 74P
   Generic access service
07/14/15
IS2064 MICROCHIP-IS2064 Datasheet
8Mb / 74P
   Generic access service
07/14/15
logo
List of Unclassifed Man...
IS206X ETC-IS206X Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - IS2063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
   WiFi 11ac Bluetooth V4.2 Module
logo
Laird Tech Smart Techno...
BTM43X LSTD-BTM43X Datasheet
257Kb / 2P
   Bluetooth End Product Qualified
logo
Nordic Semiconductor
NRF52820 NORDIC-NRF52820 Datasheet
328Kb / 2P
   Bluetooth 5.3 SoC supporting Bluetooth Low Energy, Bluetooth mesh, Thread and Zigbee, qualified for up to 105°C.
Version 1.2
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
logo
List of Unclassifed Man...
WT41-A ETC2-WT41-A Datasheet
1Mb / 49P
   Fully Qualified Bluetooth v2.1 EDR end product
logo
Kyocera Kinseki Corpota...
CX-4025S KSS-CX-4025S Datasheet
176Kb / 1P
   For Bluetooth
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Laird Tech Smart Techno...
BL652 LSTD-BL652 Datasheet
402Kb / 2P
   Bluetooth짰 Smart v4.2 NFC Module
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com