Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1830-0000-000N0UT230Q Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1830-0000-000N0UT230Q
Description  Cree XLamp CXB1830 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1830-0000-000N0UT230Q Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1830-0000-000N0UT230Q Datasheet HTML 3Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 4Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 5Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 6Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 7Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 8Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 9Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 10Page - Cree, Inc CXB1830-0000-000N0UT230Q Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1830 LED
rELativE LuMinous fLuX
The relative luminous flux values provided below are the ratio of measurements of the CXB1830 LED at steady‑state operation at the given
conditions, divided by the flux measured during binning, which is a pulsed measurement at 800 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 25 °C, I
F = 900 mA, the relative luminous flux ratio is 120% in the chart below. A CXB1830
LED that measures 3200 lm during binning will deliver 3840 lm (3200 * 1.2) at steady‑state operation of Tc = 25 °C, I
F = 900 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
400
600
800
1000
1200
1400
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXB1830-0000-000N0UT230Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Cree, Inc
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ240E CREE-CXB1816-0000-000N0BQ240E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ250E CREE-CXB1816-0000-000N0BQ250E Datasheet
2Mb / 15P
   XLamp LED
CXB1816-0000-000N0BQ257E CREE-CXB1816-0000-000N0BQ257E Datasheet
2Mb / 15P
   XLamp LED
More results

Similar Description - CXB1830-0000-000N0UT230Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com