Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4074889TE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD4074889TE
Description  Low-Voltage AS Microcomputers with On-Chip LCD Circuit
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4074889TE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD4074889TE Datasheet HTML 1Page - Renesas Technology Corp HD4074889TE Datasheet HTML 2Page - Renesas Technology Corp HD4074889TE Datasheet HTML 3Page - Renesas Technology Corp HD4074889TE Datasheet HTML 4Page - Renesas Technology Corp HD4074889TE Datasheet HTML 5Page - Renesas Technology Corp HD4074889TE Datasheet HTML 6Page - Renesas Technology Corp HD4074889TE Datasheet HTML 7Page - Renesas Technology Corp HD4074889TE Datasheet HTML 8Page - Renesas Technology Corp HD4074889TE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 202 page
background image
HD404889/HD404899/HD404878/HD404868 Series
2
• Four Timer/counters
8-bit timer: 2 (HD404889/HD404899/HD404878 Series)
1 (HD404868 Series)
16-bit timer:1 (Can also be used as two 8-bit timer)
• 8-bit input capture circuit (HD404889/HD404899/HD404878 Series)
• Two timer outputs (including PWM out-put)
• Two event counter inputs (edge-programmable) (HD404889/HD404899/HD404878 Series)
One event counter input (edge-programmable) (HD404868 Series)
• Clock-synchronous 8-bit serial interface
• A/D converter
6 channels
× 8-bit (HD404889 Series)
6 channels
× 10-bit (HD404899 Series)
4 channels
× 10-bit (HD404868 Series)
• LCD controller/driver (32 segments × 4 commons) (HD404889/HD404899/HD404878 Series)
(24 segments
× 4 commons) (HD404868 Series)
• On-chip oscillators
 Main clock (ceramic resonator, crystal resonator, or external clock operation possible)
 Sub-clock (32.768 kHz crystal resonator)
• Interrupts
External: 3 (including one edge-programmable)
Internal : 6 (HD404889 and HD404899 Series)
: 5 (HD404878 and HD404868 Series)
• Subroutine stack up to 16 levels, including interrupts
• Four Low-power dissipation modes
• Module standby (timers, serial interface, A/D converter)
• System clock division software switching (1/4 or 1/32)
• Inputs for return from stop mode (wakeup): 4
• Instruction execution time
Min. 0.89
µs (f
OSC = 4.5 MHz)
• Operation voltage
1.8 V to 5.5 V
Cautions about operation!
• Electrical properties presented on the data sheet for the mask ROM and ZTATTM versions will surely
and sufficiently satisfy the standard values. However, real capabilities, operation margin, noise margin,
and other properties may vary depending on differences of manufacturing processes, internal wiring
patterns, etc. Therefore, it is requested for users to carry out an evaluation test for each product on an
actual system under the same conditions to see its operation.
• Memory register, data area, and stack area values are unstable immediately after power is turned on.
They must be initialized before use.


Similar Part No. - HD4074889TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD4074889TE RENESAS-HD4074889TE Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
More results

Similar Description - HD4074889TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
Renesas Technology Corp
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
   Low-Voltage AS Microcomputers with On-Chip A/D Converter
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
logo
Siemens Semiconductor G...
C505L SIEMENS-C505L Datasheet
31Kb / 2P
   First 8051Microcontroller with On-Chip LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com