Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM168 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECM168
Description  PHS 34 dBm 10V Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECM168 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECM168 Datasheet HTML 1Page - WJ Communication. Inc. ECM168 Datasheet HTML 2Page - WJ Communication. Inc. ECM168 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
December 2004
ECM168
PHS +34 dBm 10V Module
Product Information
The Communications Edge
TM
Recommended Application Circuit
Please note that for reliable operation, the evaluation board will have to be mounted to a much larger heat sink during operation and in laboratory
environments to dissipate the power consumed by the device. The use of a convection fan is also recommended in laboratory environments.
Performance Graphs
Gain vs. Channel Power
1900 MHz, PHS Signal, 192 kHz BW
30
31
32
33
34
35
25
27
29
31
33
35
Output Channel Power (dBm)
-35°C
25°C
55°C
ACLR vs. Channel Power
1900 MHz, ±600 kHz offset, PHS Signal, 192 kHz BW
-74
-72
-70
-68
-66
-64
25
27
29
31
33
35
Output Channel Power (dBm)
25°C
-35°C
55°C
ACLR vs. Channel Power
1900 MHz, ±900 kHz offset, PHS Signal, 192 kHz BW
-78
-76
-74
-72
-70
-68
25
27
29
31
33
35
Output Channel Power (dBm)
25°C
-35°C
55°C
Power Added Efficiency vs. Channel Power
1900 MHz, PHS Signal, 192 kHz BW
0
5
10
15
20
25
30
25
27
29
31
33
35
Output Channel Power (dBm)
-35°C
25°C
55°C
Icc vs. Channel Power
1900 MHz, PHS Signal, 192 kHz BW
900
950
1000
1050
1100
1150
25
27
29
31
33
35
Output Channel Power (dBm)
-35°C
25°C
55°C


Similar Part No. - ECM168

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECM168 WJCI-ECM168 Datasheet
111Kb / 3P
   PHS 34 dBm 10V Module
ECM168-PCB WJCI-ECM168-PCB Datasheet
111Kb / 3P
   PHS 34 dBm 10V Module
ECM168 WJCI-ECM168_05 Datasheet
111Kb / 3P
   PHS 34 dBm 10V Module
More results

Similar Description - ECM168

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECM168 WJCI-ECM168_05 Datasheet
111Kb / 3P
   PHS 34 dBm 10V Module
logo
Pasternack Enterprises,...
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
   IP3 34 dBm typ
logo
Mimix Broadband
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
   0.8-1.0 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
   >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com