Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V61 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6V61
Description  Portable Instrumentation
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V61 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6V61 Datasheet HTML 4Page - Microchip Technology MCP6V61 Datasheet HTML 5Page - Microchip Technology MCP6V61 Datasheet HTML 6Page - Microchip Technology MCP6V61 Datasheet HTML 7Page - Microchip Technology MCP6V61 Datasheet HTML 8Page - Microchip Technology MCP6V61 Datasheet HTML 9Page - Microchip Technology MCP6V61 Datasheet HTML 10Page - Microchip Technology MCP6V61 Datasheet HTML 11Page - Microchip Technology MCP6V61 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MCP6V61/1U/2/4
DS20005367B-page 8
 2014-2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL and CL =30pF.
FIGURE 2-7:
Input Offset Voltage vs.
Output Voltage with VDD =5.5V.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Voltage with VDD =1.8V.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Voltage with VDD =5.5V.
FIGURE 2-10:
Common Mode Rejection
Ratio.
FIGURE 2-11:
Power Supply Rejection
Ratio.
FIGURE 2-12:
DC Open-Loop Gain.
-8
-6
-4
-2
0
2
4
6
8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
Representative Part
V
DD = 5.5V
T
A =
- 40°C
T
A =
+25°C
T
A =
+85°C
T
A = +125°C
-8
-6
-4
-2
0
2
4
6
8
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Common Mode Input Voltage (V)
Representative Part
V
DD = 1.8V
T
A = +125°C
T
A =
+85°C
T
A =
+25°C
T
A =
- 40°C
-8
-6
-4
-2
0
2
4
6
8
Common Mode Input Voltage (V)
Representative Part
V
DD = 5.5V
T
A = +125°C
T
A =
+85°C
T
A =
+25°C
T
A =
- 40°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
1/CMRR (µV/V)
617 Samples
T
A = +25°C
V
DD = 1.8V
V
DD = 5.5V
Tester Data
0%
10%
20%
30%
40%
50%
60%
70%
80%
-1 -0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8
1
1/PSRR (µV/V)
617 Samples
T
A = +25ºC
Tester Data
0%
10%
20%
30%
40%
50%
60%
70%
-0.5 -0.4 -0.3 -0.2 -0.1
0
0.1 0.2 0.3 0.4 0.5
1/A
OL (µV/V)
617 Samples
T
A = +25°C
V
DD = 5.5V
V
DD = 1.8V
Tester Data


Similar Part No. - MCP6V61

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V66/6U/7/9 MICROCHIP-MCP6V66/6U/7/9 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V66T-E/OT MICROCHIP-MCP6V66T-E/OT Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V66U MICROCHIP-MCP6V66U Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V66UT-E/LTY MICROCHIP-MCP6V66UT-E/LTY Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
More results

Similar Description - MCP6V61

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V71 MICROCHIP-MCP6V71 Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
   Portable Instrumentation
01/27/15
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com