Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL2046QN Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL2046QN
Description  Temperature measurement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2046QN Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL2046QN Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BL2046
4
DCLK
External Clock Input. This clock runs the SAR conversion process
and synchronizes serial data I/O.
5
+Vcc
Power Supply
6
X+
X+ Position Input
7
Y+
Y+ Position Input
8
X-
X– Position Input
9
Y-
Y– Position Input
10
GND
Ground
11
VBAT
Battery Monitor Input
12
AUX
Auxiliary Input to ADC
13
VREF
Voltage Reference Input/Output
14
IOVDD
Digital I/O Power Supply
15
Pen Interrupt
16
DOUT
Serial Data Output. Data is shifted on the falling edge of DCLK.
This output is high impedance when
is high.
Typical Application Circuit
Figure 1 Typical Application Circuit of the BL2046
Electrical Characteristics
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK =
16 • fSAMPLE = 2MHz, 12-bit mode, digital inputs = GND or IOVDD, and +VCC must be •IOVDD,
unless otherwise noted
BL2046
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE OUTPUT
Internal Reference Voltage
2.46
250
2.54
V
http://www.belling.com.cn
- 3 -
Total 3 Pages


Similar Part No. - BL2046QN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
logo
Bolymin, Inc
BL2002A BOLYMIN-BL2002A Datasheet
97Kb / 1P
   OLED Display COB with metal frame
BL2002A1 BOLYMIN-BL2002A1 Datasheet
234Kb / 1P
   COG package
BL2002A1 BOLYMIN-BL2002A1_17 Datasheet
234Kb / 1P
   COG package
BL2002AW BOLYMIN-BL2002AW Datasheet
309Kb / 1P
   COG with SMT
More results

Similar Description - BL2046QN

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Texas Instruments
BQ26221 TI1-BQ26221_16 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com