Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6305MM Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL6305MM
Description  Optimized PWM Output Stage Eliminates LC Output Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6305MM Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL6305MM Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6305MM Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BL6305
http://www.belling.com.cn
- Page 2 of 9 -
Ver1.2
Pin Description
Pin #
Name
Description
1
SDB
Shutdown terminal (low active)
2
NC (No internal connection)
3
IN+
Positive differential input
4
IN-
Negative differential input
5
VO+
Positive BTL output
6
VDD
Power Supply
7
PGND
Power Ground
8
VO-
Negative BTL output
Function Block Diagram
Vo+
Vo-
170k
170k
IN+
IN-
Amp1
Av1 = 170k/Ri
ShutDown
Control
Bias &
Reference
OSC &
RAMP
OC
Detect
Start up &
Protection
300k
SDB
GND
VDD
(6)
(8)
(5)
(7)
(4)
(3)
(1)
PWM Modulator and
Power Driver
Av2 = 2 V/V
Note
s:
I
R
k
Av
Av
Gain
Voltage
Total
170
2
2
1
×
=
×
=
Figure 1. Function Block Diagram


Similar Part No. - BL6305MM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6311B BELLING-BL6311B Datasheet
164Kb / 8P
   Improved CMRR Eliminates Two Input Coupling Capacitors
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
BL6312R-30PG BILIN-BL6312R-30PG Datasheet
213Kb / 8P
   100mA Low Power LDO
BL6312R-30PR BILIN-BL6312R-30PR Datasheet
213Kb / 8P
   100mA Low Power LDO
More results

Similar Description - BL6305MM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6331CP BELLING-BL6331CP Datasheet
341Kb / 12P
   Optimized PWM Output Stage Eliminates LC Output Filter
logo
NXP Semiconductors
PIP3104-P PHILIPS-PIP3104-P Datasheet
34Kb / 6P
   TrenchMOS output stage
May 2001 Rev 1.000
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
Silicon Touch Technolog...
PS257 SITI-PS257 Datasheet
319Kb / 14P
   Fault-protection output with open drain output stage
logo
Texas Instruments
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
[Old version datasheet]   TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com