Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6305SO Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL6305SO
Description  Optimized PWM Output Stage Eliminates LC Output Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6305SO Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

  BL6305SO Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6305SO Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BL6305
http://www.belling.com.cn
- Page 7 of 9 -
Ver1.2
( )
2
2
1
Eq
Hz
C
R
f
I
I
C
=
π
Decoupling Capacitor (CS)
A good low equivalent-series-resistance (ESR) ceramic capacitor (CS), used as power supply
decoupling capacitor (CS), is required for high power supply rejection (PSRR), high efficiency and
low total harmonic distortion (THD). Typically CS is 2 F, placed as close as possible to the device
VDD pin.
Package Dimensions
DFN8
MILLIMETER
SYMBOL
MIN NOM
MAX
A
0.70
0.75
0.80
A1
-
0.02
0.05
b
0.25
0.30
0.35
c
0.18
0.20
0.25
D
2.90
3.00
3.10
D2
2.50REF
e
0.65BSC
Nd
1.95BSC
E
2.90
3.00
3.10
E2
1.55REF
L
0.30
0.40
0.50
h
0.20
0.25
0.30


Similar Part No. - BL6305SO

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6311B BELLING-BL6311B Datasheet
164Kb / 8P
   Improved CMRR Eliminates Two Input Coupling Capacitors
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
BL6312R-30PG BILIN-BL6312R-30PG Datasheet
213Kb / 8P
   100mA Low Power LDO
BL6312R-30PR BILIN-BL6312R-30PR Datasheet
213Kb / 8P
   100mA Low Power LDO
More results

Similar Description - BL6305SO

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6331CP BELLING-BL6331CP Datasheet
341Kb / 12P
   Optimized PWM Output Stage Eliminates LC Output Filter
logo
NXP Semiconductors
PIP3104-P PHILIPS-PIP3104-P Datasheet
34Kb / 6P
   TrenchMOS output stage
May 2001 Rev 1.000
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
Silicon Touch Technolog...
PS257 SITI-PS257 Datasheet
319Kb / 14P
   Fault-protection output with open drain output stage
logo
Texas Instruments
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
[Old version datasheet]   TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com