Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6331CP Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BL6331
http://www.belling.com.cn
- 8 -
Total 12 Pages
Audio Precision
(3.6v 8ohm)
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
Analyzer.THD+N Ratio B
Left
mode2
2
1
Green
Solid
1
Analyzer.THD+N Ratio B
Left
mode1_1
3
1
Yellow
Solid
1
Analyzer.THD+N Ratio B
Left
mode1_2
0.0001
20
0.001
0.01
0.1
1
5
%
100m
1
200m
300m
400m
500m 600m
800m
Vrms
Figure 2 THDN VS Input Voltage @ NC1(mode1)\NC2(mode2) VDD=3.6V RL=8ohm
Figure 3 THND VS PO @NC1 VDD=4.2V RL=8ohm


Similar Part No. - BL6331CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
More results

Similar Description - BL6331CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6305MM BELLING-BL6305MM Datasheet
262Kb / 9P
   Optimized PWM Output Stage Eliminates LC Output Filter
logo
NXP Semiconductors
PIP3104-P PHILIPS-PIP3104-P Datasheet
34Kb / 6P
   TrenchMOS output stage
May 2001 Rev 1.000
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
Silicon Touch Technolog...
PS257 SITI-PS257 Datasheet
319Kb / 14P
   Fault-protection output with open drain output stage
logo
Texas Instruments
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
[Old version datasheet]   TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com