Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8070CA5TR Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8070CA5TR
Description  Low Power Consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8070CA5TR Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8070CA5TR Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
6V High Speed INVERTER
BL8070
DESCRIPTION
BL8070 is CMOS single inverter gate. The device is
fabricated with advanced CMOS technology to
achieve ultra high speed with high output drive
while maintaining low static power dissipation over
a very broad VCC operating range. The device is
specified to operate over the 1.65V to 6.0V VCC
range. Inputs tolerate voltage up to 6V independent
of VCC operating voltage.
FUNCTION DIAGRAM
FEATURES
 Space saving 5-lead surface mount SC70
Package and 1x1mm DFN package
 Ultra High Speed; TPD 8.5 ns Typ into 50 pF at
5V VCC
 High Output Drive; ±16 mA at 5V VCC
 Broad VCC Operating Range; 1.65V to 6.0V
 Low Power Consumption, 1μA Max ICC
 Schmitt Trigger Action at input makes the
circuit tolerant for slower input rise and fall
time
APPLICATIONS
 Cell phone and other portable device
 3G module
ORDERING INFORMATION / PIN CONFIGURATION / MARKING
Ordering Part No.
Package
Pin Out
Marking
BL8070CA5TR
SC70-5
OCYW
BL8070CKDTR
DFN1x1-5L
5. Vcc
4. NC
1 Y
2 Gnd
3 A
OC
YW
BL8070CKDTR
DFN1x1-4L
4 Vcc
3 A
1 Y
2 Gnd
OC
YW
YW:Date Code


Similar Part No. - BL8070CA5TR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR121 BELLING-BL8071CLATR121 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR181 BELLING-BL8071CLATR181 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR251 BELLING-BL8071CLATR251 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR331 BELLING-BL8071CLATR331 Datasheet
947Kb / 5P
   1.5A Linear Regulator
More results

Similar Description - BL8070CA5TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com