Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8506-XXCRM Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8506-XXCRM
Description  Battery Back-up Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8506-XXCRM Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8506-XXCRM Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8506-XXCRM Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.belling.com.cn
6
BL8506
BL8506CXXTR34C/N(3.4V)
(Topt=25℃,Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
3.332
3.4
3.468
V
VHYS
Detector Threshold
Hysteresis
0.068
0.136
0.204
V
ISS
Current consumption
VDD=5.0V
1
2.5
uA
VDDH
Maximum operating
voltage
10
V
VDDL
Minimum Operating
voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
Pch
VDS=-2.1V,VDD=4.50V
1.0
2.0
mA
TPLH
Output Delay Time
20
uS
BL8506CXXTR44C/N(4.4V)
(Topt=25℃,Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
4.312
4.4
4.488
V
VHYS
Detector Threshold
Hysteresis
0.088
0.176
0.264
V
ISS
Current consumption
VDD=6.4V
1
2.5
uA
VDDH
Maximum operating
voltage
10
V
VDDL
Minimum Operating
voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
Pch
VDS=-2.1V,VDD=8.0V
1.5
3.0
mA
TPLH
Output Delay Time
20
uS


Similar Part No. - BL8506-XXCRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL8506-09CRM ETC1-BL8506-09CRM Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
BL8506-09CRN ETC1-BL8506-09CRN Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
BL8506-09CSM ETC1-BL8506-09CSM Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
BL8506-09CT ETC1-BL8506-09CT Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
BL8506-09NRM ETC1-BL8506-09NRM Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
More results

Similar Description - BL8506-XXCRM

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
logo
Technology Dynamics Inc...
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com