Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP631 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP631
Description  Unity-Gain Stable
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631 Datasheet(HTML) 4 Page - Microchip Technology

  MCP631_14 Datasheet HTML 1Page - Microchip Technology MCP631_14 Datasheet HTML 2Page - Microchip Technology MCP631_14 Datasheet HTML 3Page - Microchip Technology MCP631_14 Datasheet HTML 4Page - Microchip Technology MCP631_14 Datasheet HTML 5Page - Microchip Technology MCP631_14 Datasheet HTML 6Page - Microchip Technology MCP631_14 Datasheet HTML 7Page - Microchip Technology MCP631_14 Datasheet HTML 8Page - Microchip Technology MCP631_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 4
 2009-2014 Microchip Technology Inc.
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS =GND, VCM =VDD/2,
VOUT  VDD/2, VL =VDD/2, RL =2 k to VL, CL = 50 pF and CS =VSS (refer to Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
AC Response
Gain-Bandwidth Product
GBWP
24
MHz
Phase Margin
PM
65
°
G = +1
Open-Loop Output Impedance
ROUT
—20
AC Distortion
Total Harmonic Distortion plus Noise
THD + N
0.0015
%
G = +1, VOUT =2VP-P, f = 1 kHz,
VDD =5.5V, BW = 80kHz
Step Response
Rise Time, 10% to 90%
tr
—20
ns
G = +1, VOUT = 100 mVP-P
Slew Rate
SR
10
V/µs
G = +1
Noise
Input Noise Voltage
Eni
—16
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—10
nV/
Hz f = 1 MHz
Input Noise Current Density
ini
4—
fA/
Hz f = 1 kHz
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT  VDD/2, VL =VDD/2, RL =2 k to VL, CL = 50 pF and CS =VSS (refer to Figures 1-1 and 1-2).
Parameters
Sym.
Min.
Typ.
Max. Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CS Input Current, Low
ICSL
—0.1
nA
CS =0V
CS High Specifications
CS Logic Threshold, High
VIH
0.8VDD
VDD
V
CS Input Current, High
ICSH
—0.7
µA
CS =VDD
GND Current
ISS
-2
-1
—µA
CS Internal Pull-Down Resistor
RPD
—5
M
Amplifier Output Leakage
IO(LEAK)
—50—
nA
CS =VDD, TA = +125°C
CS Dynamic Specifications
CS Input Hysteresis
VHYST
0.25
V
CS High to Amplifier Off Time
(output goes High Z)
tOFF
200
ns
G = +1 V/V, VL =VSS,
CS =0.8VDD to VOUT =0.1(VDD/2)
CS Low to Amplifier On Time
tON
—2
10
µs
G= +1 V/V, VL =VSS,
CS =0.2VDD to VOUT =0.9(VDD/2)


Similar Part No. - MCP631_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP631-E/MF MICROCHIP-MCP631-E/MF Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631-E/SN MICROCHIP-MCP631-E/SN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631-E/UN MICROCHIP-MCP631-E/UN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631T MICROCHIP-MCP631T Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631T-E/MF MICROCHIP-MCP631T-E/MF Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
More results

Similar Description - MCP631_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
   Unity-Gain Stable
03/25/14
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Lowpower Semiconductor ...
LPA4809 POWER-LPA4809 Datasheet
815Kb / 10P
   140mW Headphone Amplifier with Unity-gain Stable
logo
Texas Instruments
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com