Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP655 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP655
Description  Unity-Gain Stable
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP655 Datasheet(HTML) 2 Page - Microchip Technology

  MCP655 Datasheet HTML 1Page - Microchip Technology MCP655 Datasheet HTML 2Page - Microchip Technology MCP655 Datasheet HTML 3Page - Microchip Technology MCP655 Datasheet HTML 4Page - Microchip Technology MCP655 Datasheet HTML 5Page - Microchip Technology MCP655 Datasheet HTML 6Page - Microchip Technology MCP655 Datasheet HTML 7Page - Microchip Technology MCP655 Datasheet HTML 8Page - Microchip Technology MCP655 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
MCP651/1S/2/3/4/5/9
DS20002146D-page 2
 2009-2014 Microchip Technology Inc.
Package Types
MCP651
SOIC
MCP652
SOIC
VIN+
VIN
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 VCAL
CAL/CS
NC
VINA+
VINA
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB
VINB+
MCP655
MSOP
VINA+
VINA
VSS
1
2
3
4
10
9
8
7
VOUTA
VDD
VOUTB
VINB
VINB+
CALA/CSA 5
6 CALB/CSB
MCP652
3x3 DFN *
MCP655
3x3 DFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VINA+
VINA
VSS
VOUTB
VINB
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
VSS
VINA+
CALA/CSA
VINB
VINB+
2
3
4
5
9
8
7
6 CALB/CSB
VOUTB
VINA
EP
11
1
10 VDD
VOUTA
2
MCP659
4x4 QFN*
VDD
VINB+
VINA-
VIND+
VSS
VINC+
VINC-
VINA+
EP
16
1
15 14 13
3
4
12
11
10
9
567
8
17
MCP654
SOIC, TSSOP
VINA+
VINA-
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND-
VIND+
VSS
VINB+ 5
10 VINC+
VINB- 6
9
VOUTB 7
8 VOUTC
VINC-
1
2
3
4
VOUT
VDD
VSS
VIN+
VIN
5
1
2
3
4
VOUT
VDD
VSS
VIN+
VIN
5
6
CAL/CS
MCP651S
SOT-23-5
MCP653
SOT-23-6
MCP651
2x3 TDFN *
VIN+
VIN
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 VCAL
CAL/CS
NC
EP
9


Similar Part No. - MCP655

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP655 MICROCHIP-MCP655 Datasheet
1Mb / 44P
   50 MHz, 6 mA Op Amps with mCal
2009
MCP655 MICROCHIP-MCP655 Datasheet
1Mb / 56P
   50 MHz, 6 mA Op Amps with mCal
2011
MCP655-E/MF MICROCHIP-MCP655-E/MF Datasheet
1Mb / 44P
   50 MHz, 6 mA Op Amps with mCal
2009
MCP655-E/SN MICROCHIP-MCP655-E/SN Datasheet
1Mb / 44P
   50 MHz, 6 mA Op Amps with mCal
2009
MCP655-E/UN MICROCHIP-MCP655-E/UN Datasheet
1Mb / 44P
   50 MHz, 6 mA Op Amps with mCal
2009
More results

Similar Description - MCP655

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
   Unity-Gain Stable
03/25/14
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Lowpower Semiconductor ...
LPA4809 POWER-LPA4809 Datasheet
815Kb / 10P
   140mW Headphone Amplifier with Unity-gain Stable
logo
Texas Instruments
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com