Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4801 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP4801
Description  SPI Interface with 20 MHz Clock Support
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4801 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP4801 Datasheet HTML 2Page - Microchip Technology MCP4801 Datasheet HTML 3Page - Microchip Technology MCP4801 Datasheet HTML 4Page - Microchip Technology MCP4801 Datasheet HTML 5Page - Microchip Technology MCP4801 Datasheet HTML 6Page - Microchip Technology MCP4801 Datasheet HTML 7Page - Microchip Technology MCP4801 Datasheet HTML 8Page - Microchip Technology MCP4801 Datasheet HTML 9Page - Microchip Technology MCP4801 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
MCP4802/4812/4822
DS20002249B-page 6
 2010-2015 Microchip Technology Inc.
Output Amplifier
Output Swing
VOUT
0.01 to
VDD – 0.04
V
Accuracy is better than 1 LSb
for
VOUT = 10 mV to (VDD
40 mV)
Phase Margin
PM
66
Degree (°)
CL= 400 pF, RL = 
Slew Rate
SR
0.55
V/µs
Short Circuit Current
ISC
—17
mA
Settling Time
tSETTLING
4.5
µs
Within 1/2 LSb of final value
from 1/4 to 3/4 full-scale range
Dynamic Performance (Note 2)
DAC-to-DAC Crosstalk
<10
nV-s
Major Code Transition
Glitch
45
nV-s
1 LSb change around major
carry (0111...1111 to
1000...0000
)
Digital Feedthrough
<10
nV-s
Analog Crosstalk
<10
nV-s
AC CHARACTERISTICS (SPI TIMING SPECIFICATIONS)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V – 5.5V, TA= -40 to +125°C.
Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Schmitt Trigger High-Level
Input Voltage
(All digital input pins)
VIH
0.7 VDD
——
V
Schmitt Trigger Low-Level
Input Voltage
(All digital input pins)
VIL
——
0.2 VDD
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
—0.05 VDD
—V
Input Leakage Current
ILEAKAGE
-1
1
ALDAC = CS = SDI = SCK =
VDD or VSS
Digital Pin Capacitance
(All inputs/outputs)
CIN,
COUT
—10
pF
VDD = 5.0V, TA = +25°C,
fCLK = 1 MHz (Note 1)
Clock Frequency
FCLK
——
20
MHz
TA = +25°C (Note 1)
Clock High Time
tHI
15
ns
Note 1
Clock Low Time
tLO
15
ns
Note 1
CS Fall to First Rising CLK
Edge
tCSSR
40
ns
Applies only when CS falls with
CLK high. (Note 1)
Data Input Setup Time
tSU
15
ns
Note 1
Data Input Hold Time
tHD
10
ns
Note 1
SCK Rise to CS Rise Hold
Time
tCHS
15
ns
Note 1
Note 1:
This parameter is ensured by design and not 100% tested.
ELECTRICAL CHARACTERISTIC WITH EXTENDED TEMPERATURE (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x,
RL = 5 k to GND, CL = 100 pF. Typical values are at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.


Similar Part No. - MCP4801

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4801-E/MC MICROCHIP-MCP4801-E/MC Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4801-E/MS MICROCHIP-MCP4801-E/MS Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4801-E/P MICROCHIP-MCP4801-E/P Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4801-E/SN MICROCHIP-MCP4801-E/SN Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
More results

Similar Description - MCP4801

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6138 HOLTIC-HI-6138 Datasheet
5Mb / 254P
   40 MHz SPI Host Interface
HI-6137 HOLTIC-HI-6137 Datasheet
5Mb / 230P
   40 MHz SPI Host Interface
HI-6136 HOLTIC-HI-6136 Datasheet
5Mb / 206P
   40 MHz SPI Host Interface
HI-6135 HOLTIC-HI-6135 Datasheet
4Mb / 172P
   40 MHz SPI Host Interface
logo
STMicroelectronics
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Texas Instruments
DS90CR288AMTDX TI-DS90CR288AMTDX Datasheet
1Mb / 24P
[Old version datasheet]   20 to 85 MHz Shift Clock Support, 50% Duty Cycle on Receiver Output Clock
logo
STMicroelectronics
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
   1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
logo
Analog Devices
ADIS16006 AD-ADIS16006_15 Datasheet
242Kb / 16P
   Accelerometer with SPI Interface
REV. C
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
Analog Devices
ADIS16003 AD-ADIS16003_15 Datasheet
228Kb / 16P
   Accelerometer with SPI Interface
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com