Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

870055874002 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 870055874002
Description  WCAP-PTHR Aluminum Polymer Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

870055874002 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  870055874002 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 870055874002 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 870055874002 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 870055874002 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 870055874002 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 870055874002 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 870055874002 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-PTHR Aluminum Polymer
Capacitors
Order.- No.
870055874002
SIZE
A4
Size: 8.0 x 11.5
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 870055874002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
870055874001 WURTH-870055874001 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
More results

Similar Description - 870055874002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
870055875005 WURTH-870055875005 Datasheet
482Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870056175003 WURTH-870056175003 Datasheet
309Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055775003 WURTH-870055775003 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870056175005 WURTH-870056175005 Datasheet
309Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870056174001 WURTH-870056174001 Datasheet
309Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055975002 WURTH-870055975002 Datasheet
309Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055675008 WURTH-870055675008 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055673002 WURTH-870055673002 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055675010 WURTH-870055675010 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055775004 WURTH-870055775004 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
870055673001 WURTH-870055673001 Datasheet
483Kb / 7P
   WCAP-PTHR Aluminum Polymer Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com