Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP37231-200 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP37231-200
Description  Power-Saving Modes
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231-200 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP37231-200 Datasheet HTML 5Page - Microchip Technology MCP37231-200 Datasheet HTML 6Page - Microchip Technology MCP37231-200 Datasheet HTML 7Page - Microchip Technology MCP37231-200 Datasheet HTML 8Page - Microchip Technology MCP37231-200 Datasheet HTML 9Page - Microchip Technology MCP37231-200 Datasheet HTML 10Page - Microchip Technology MCP37231-200 Datasheet HTML 11Page - Microchip Technology MCP37231-200 Datasheet HTML 12Page - Microchip Technology MCP37231-200 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
 2014-2016 Microchip Technology Inc.
DS20005355C-page 9
MCP37211-200 AND MCP37D11-200
FIGURE 1-2:
TFBGA-121 Package. See Table 1-2 for the pin descriptions. Decoupling capacitors
for reference pins and VBG are embedded in the package. Leave TP pins floating always.
Top View
1
2
3
4
5
6
7
8
9
10
11
SDIO VCM
REF1+ REF1-
REF0+ REF0-
AIN4-
AIN2+
SCLK
WCK/
TP
TP
Q8/Q4-
Q6/Q3-
Q2/Q1-
Q4/Q2-
Q10/Q5-
OVR-
CS
WCK/
TP
TP
Q11/Q5
+
Q7/Q3+
Q3/Q1+
Q9/Q4+
Q5/Q2+
OVR+
GND
GND
GND
GND
DVDD18
DVDD12
DVDD12
DVDD18
GND
GND
GND
GND
DVDD18
DVDD12
DVDD12
DVDD18
DCLK-
SENSE
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12 AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD12
AVDD18 AVDD18
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
CAL
GND
SLAVE ADR0
GND
GND
GND
GND
GND
GND
GND
ADR1
AIN4+
AIN5+
AIN5-
AIN6-
AIN6+
AIN7-
AIN7+
VCMIN+
GND
AIN3-
AIN3+
AIN1+
AIN1-
AIN0+
AIN0-
AIN2-
VCMIN-
GND
Q0/Q0- Q1/Q0+
DCLK+ RESET SYNC
GND
CLK+
CLK-
GND AVDD18
GND
GND
A
B
C
D
E
F
G
H
J
K
L
(Not to Scale)
Analog
Digital
All others:
Supply Voltage
Notes:
• Die dimension: 8 mm x 8 mm x 1.08 mm.
• Ball dimension: (a) Ball Pitch = 0.65 mm, (b) Ball Diameter = 0.4 mm.
• Flip-chip solder ball composition: Sn with Ag 1.8%.
• Solder sphere composition: SAC-405 (Sn/Au 4%/Cu 0.5%).
VBG
(WCK) (OVR)
TP
TP


Similar Part No. - MCP37231-200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37231 MICROCHIP-MCP37231 Datasheet
2Mb / 144P
   Power-Saving Modes
06/23/16
More results

Similar Description - MCP37231-200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37231 MICROCHIP-MCP37231 Datasheet
2Mb / 144P
   Power-Saving Modes
06/23/16
logo
Freescale Semiconductor...
MC68HC711D3CFNE2 FREESCALE-MC68HC711D3CFNE2 Datasheet
908Kb / 124P
   Power Saving STOP and WAIT Modes
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
   low-power modes
April 2009 Rev 2
logo
Freescale Semiconductor...
MC68HC11E0CFNE2 FREESCALE-MC68HC11E0CFNE2 Datasheet
1Mb / 242P
   M68HC11 CPU, Power-saving stop and wait modes, Low-voltage devices available (3.0??.5 Vdc)
logo
STMicroelectronics
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
   STR75x low power modes
logo
NIHON DEMPA KOGYO
2725Q NDK-2725Q_18 Datasheet
871Kb / 1P
   Power-saving Type
logo
FSP TECHNOLOGY INC.
FSP060-1S35-19 FSP-FSP060-1S35-19 Datasheet
132Kb / 1P
   Power saving function
FSP060-1S35-48 FSP-FSP060-1S35-48 Datasheet
132Kb / 1P
   Power saving function
FSP060-1S35-12 FSP-FSP060-1S35-12 Datasheet
132Kb / 1P
   Power saving function
logo
NIHON DEMPA KOGYO
2725 NDK-2725_18 Datasheet
1Mb / 1P
   Power-saving Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com