Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

870235174003 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 870235174003
Description  WCAP-PT5H Aluminum Polymer Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

870235174003 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  870235174003 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 870235174003 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 870235174003 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 870235174003 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 870235174003 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 870235174003 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 870235174003 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-PT5H Aluminum Polymer Capacitors
Order.- No.
870235174003
SIZE
A4
Size: 8.0 x 8.0
A Dimensions: [mm]
D ±0.5
P ±0.5
L ±t
t
Pin Ø ±0.02
a
b
8.0
3.5
8.0
1.0
0.6
3.5
0.9
B Recommended hole pattern: [mm]
C Schematic:
D1 Electrical Properties:
Properties
Capacitance
Rated voltage
Leakage current
Dissipation factor
ESR
Ripple current
Test conditions
0.25V; 120Hz
after 2 min.
120 Hz
100 kHz
100 kHz @105°C
C
UR
ILeak
DF
RESR
Iripple
Value
560
6.3
705.6
8
7
6100
Unit
µF
V (DC)
μA
%
mA
Tol.
± 20%
max.
max.
typ.
max.
max.
E General information:
Aluminium Polymer Capacitors
Storage Conditions:
Operating Temperature:
Load Life:
Test conditions of Electrical Proper-
ties:
FIT according to
35°C, <45% RH
-55 °C up to +105 °C
5000 h @ +105°C / 6.3 V (DC)
20°C, 33% RH; if not specified differently
separate documentation
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 870235174003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
870235174001 WURTH-870235174001 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235174002 WURTH-870235174002 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235174004 WURTH-870235174004 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235174005 WURTH-870235174005 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
More results

Similar Description - 870235174003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
870235674004 WURTH-870235674004 Datasheet
309Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235675006 WURTH-870235675006 Datasheet
309Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235675007 WURTH-870235675007 Datasheet
309Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235174005 WURTH-870235174005 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235175007 WURTH-870235175007 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235175009 WURTH-870235175009 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235374003 WURTH-870235374003 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
1.0 2014-11-11
870235175008 WURTH-870235175008 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235174004 WURTH-870235174004 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
870235374004 WURTH-870235374004 Datasheet
483Kb / 7P
   WCAP-PT5H Aluminum Polymer Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com