Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A9101DSKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A9101DSKR
Description  1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A9101DSKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A9101DSKR Datasheet HTML 7Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 8Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 9Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 10Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 11Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 12Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 13Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 14Page - Texas Instruments TPS7A9101DSKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VPG
200 mV/div
Time (2 ms/div)
VOUT
200 mV/div
VEN
1 V/div
VPG
200 mV/div
Time (500 Ps/div)
VOUT
200 mV/div
VEN
1 V/div
VPG
200 mV/div
Time (50 Ps/div)
VOUT
200 mV/div
VEN
1 V/div
VPG
1 V/div
Time (200 Ps/div)
VIN
2 V/div
VOUT
20 mV/div
Time (50 Ps/div)
VPG
200mV/div
VOUT
200 mV/div
VEN
1 V/div
11
TPS7A91
www.ti.com
SBVS282 – DECEMBER 2016
Product Folder Links: TPS7A91
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C, 1.4 V ≤ VIN ≤ 6.5 V, VIN ≥ VOUT(NOM) + 0.3 V, VOUT = 0.8 V, SS_CTRL = GND, IOUT = 5 mA, VEN = 1.1 V, COUT =
10 μF, CNR/SS = CFF = 0 nF, PG pin pulled up to VOUT with 100 kΩ, and SS_CTRL = GND (unless otherwise noted)
VIN = 1.4 V to 6.5 V to 1.4 V at 2 V/µs, VOUT = 0.8 V,
IOUT = 1 A, CNR/SS = CFF = 10 nF, VPG = VOUT
Figure 31. Line Transient
VIN = 1.4 V, VPG = VOUT
Figure 32. Start-Up (SS_CTRL = GND, CNR/SS = 0 nF)
VIN = 1.4 V, VPG = VOUT
Figure 33. Start-Up (SS_CTRL = GND, CNR/SS = 10 nF)
VIN = 1.4 V, VPG = VOUT
Figure 34. Start-Up (SS_CTRL = VIN, CNR/SS = 10 nF)
VIN = 1.4 V, VPG = VOUT
Figure 35. Start-Up (SS_CTRL = VIN, CNR/SS = 1 µF)


Similar Part No. - TPS7A9101DSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI-TPS7A90 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9001DSKR TI1-TPS7A9001DSKR Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9001DSKR TI-TPS7A9001DSKR Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9001DSKT TI1-TPS7A9001DSKT Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results

Similar Description - TPS7A9101DSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
[Old version datasheet]   Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A54-Q1 TI1-TPS7A54-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com