Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3836J25MDBVTEP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3836J25MDBVTEP
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3836J25MDBVTEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3836J25MDBVTEP Datasheet HTML 3Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 4Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 5Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 6Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 7Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 8Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 9Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 10Page - Texas Instruments TPS3836J25MDBVTEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Timing Requirements
Switching Characteristics
TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP
TPS3837E18-EP / J25-EP / L30-EP / K33-EP
TPS3838E18-EP / J25-EP / L30-EP / K33-EP
www.ti.com.................................................................................................................................................... SGLS322D – MAY 2006 – REVISED NOVEMBER 2008
Electrical Characteristics (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
220
500
VDD > VIT, VDD < 3 V
TA = Full range
600
nA
TA = 25°C
250
550
IDD
Supply current
VDD > VIT, VDD > 3 V
TA = Full range
650
TA = 25°C
10
25
VDD < VIT
µA
TA = Full range
30
Internal pullup resistor at MR
33
k
CI
Input capacitance at MR, CT
VI = 0 V to VDD
5
pF
RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
At VDD
VIH = VIT + 0.2 V, VIL = VIT – 0.2 V
6
µs
tw
Pulse width
At MR
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
µs
RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CT = GND
5
10
15
VDD ≥ VIT + 0.2 V, MR = 0.7 × VDD,
td
Delay time
ms
See timing diagram
CT = VDD
200
Propagation (delay)
VDD to RESET delay VIL = VIT – 0.2 V, VIH = VIT + 0.2 V
10
tPHL
time, high- to low-level
(TPS3836,
µs
VIL = 1.6 V
50
output
TPS3838)
Propagation (delay)
VIL = VIT – 0.2 V, VIH = VIT + 0.2 V
10
VDD to RESET delay
tPLH
time, low- to high-level
µs
(TPS3837)
VIL = 1.6 V
50
output
Propagation (delay)
MR to RESET delay
tPHL
time, high- to low-level
(TPS3836,
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.3
µs
output
TPS3838)
Propagation (delay)
MR to RESET delay
tPLH
time, low- to high-level
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.3
µs
(TPS3837)
output
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP TPS3837E18-EP / J25-EP / L30-EP /
K33-EP TPS3838E18-EP / J25-EP / L30-EP / K33-EP


Similar Part No. - TPS3836J25MDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836J25MDBVTEP TI-TPS3836J25MDBVTEP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
More results

Similar Description - TPS3836J25MDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com