Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809K33MDBVREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3809K33MDBVREP
Description  3-PIN SUPPLY VOLTAGE SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809K33MDBVREP Datasheet(HTML) 5 Page - Texas Instruments

  TPS3809K33MDBVREP Datasheet HTML 1Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 2Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 3Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 4Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 5Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 6Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 7Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 8Page - Texas Instruments TPS3809K33MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
TPS3809L30-EP, TPS3809K33-EP, TPS3809I50-EP
3-PIN SUPPLY VOLTAGE SUPERVISORS
SGLS369A – AUGUST 2006 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TY MAX
UNIT
P
VDD = 2.5 V to 6 V, IOH = –500 µA
VDD – 0.2
VDD = 3.3 V,
IOH = –2 mA
VDD – 0.4
VOH
High-level output voltage
V
VDD = 6 V,
IOH = –4 mA
VDD – 0.4
VDD = 6 V,
IOH = –4 mA,
TA = 125°C
VDD – 0.5
VDD = 2 V to 6 V,
IOL = 500 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V,
IOL = 2 mA
0.4
V
VDD = 6 V,
IOL = 4 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V,
IOL = 50 µA
0.2
V
2.58
2.6
2.7
TPS3809L30
4
Negative-going
2.87
2.9
2.99
VIT–
input threshold
TPS3809K33
V
3
voltage(2)
4.45
4.5
4.65
TPS3809I50
5
TPS3809L30
35
Vhys
Hysteresis
TPS3809K33
40
mV
TPS3809I50
60
VDD = 2 V,
Output unconnected
9
12
IDD
Supply current
µA
VDD = 6 V,
Output unconnected
20
25
Ci
Input capacitance
VI = 0 V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (0.1-
µF ceramic) should be placed near the supply terminals.
R
L = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw
Pulse width at VDD
VDD = VIT– + 0.2 V, VDD = VIT– – 0.2 V
3
µs
R
L = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ VIT– + 0.2 V,
td
Delay time
120
200
280
ms
See timing diagram
Propagation (delay) time,
VIL = VIT– – 0.2 V,
tPHL
VDD to RESET delay
1
ms
high- to low-level output
VIH = VIT– + 0.2 V
5
Submit Documentation Feedback


Similar Part No. - TPS3809K33MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809K33MDBVREP TI1-TPS3809K33MDBVREP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809K33MDBVREP TI1-TPS3809K33MDBVREP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3809K33MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com