Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3837K33QDBVREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3837K33QDBVREP
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3837K33QDBVREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS3837K33QDBVREP Datasheet HTML 1Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 2Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 3Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 4Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 5Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 6Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 7Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 8Page - Texas Instruments TPS3837K33QDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
3
2
4
5
1
CT
GND
MR
VDD
RESET
TPS3836, TPS3838
DBV PACKAGE
(TOP VIEW)
3
2
4
5
1
CT
GND
MR
VDD
RESET
TPS3837
DBV PACKAGE
(TOP VIEW)
APPLICATIONS
DESCRIPTION
TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP
TPS3837E18-EP / J25-EP / L30-EP / K33-EP
TPS3838E18-EP / J25-EP / L30-EP / K33-EP
www.ti.com.................................................................................................................................................... SGLS322D – MAY 2006 – REVISED NOVEMBER 2008
NANOPOWER SUPERVISORY CIRCUITS
• ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
• Supply Current of 220 nA (Typ)
• Precision Supply Voltage Supervision Range:
1.8 V, 2.5 V, 3 V, 3.3 V
• Power-On Reset Generator With Selectable
Delay Time of 10 ms or 200 ms
• Push/Pull RESET Output (TPS3836), RESET
Output (TPS3837), or
Open-Drain RESET Output (TPS3838)
• Manual Reset
• 5-Pin SOT-23 Package
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Applications Using Automotive Low-Power
DSPs, Microcontrollers, or Microprocessors
• Battery-Powered Equipment
• Intelligent Instruments
• Wireless Communication Systems
• Automotive Systems
(1)
Custom temperature ranges available
The TPS3836, TPS3837, TPS3838 families of supervisory circuits provide circuit initialization and timing
supervision, primarily for digital signal processing (DSP) and processor-based systems.
During power on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET output active as long as VDD remains below the threshold
voltage (VIT). An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time starts after VDD has risen above VIT.
When CT is connected to GND, a fixed delay time of typical 10 ms is asserted. When connected to VDD, the
delay time is typically 200 ms.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3837K33QDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3837K33QDBVREP TI-TPS3837K33QDBVREP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
More results

Similar Description - TPS3837K33QDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com