Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3801T50DCKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3801T50DCKR
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3801T50DCKR Datasheet(HTML) 4 Page - Texas Instruments

  TPS3801T50DCKR Datasheet HTML 1Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 2Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 3Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 4Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 5Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 6Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 7Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 8Page - Texas Instruments TPS3801T50DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
td
t
VDD
V(NOM)
VIT
1.1 V
MR
1
0
1
0
t
t
Undefined Behavior of
RESET Output For VDD < 1.1 V
RESET
td
td
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219E – AUGUST 1999 – REVISED OCTOBER 2010
www.ti.com
TIMING REQUIREMENTS
at RL = 1 MΩ, CL = 50 pF, TA = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
at SENSE
VDD = 1.6 V, VIH = 1.1 × VIT–, VIL = 0.9 × VIT–
1
ms
tw
Pulse width
at VDD
VDD = VIT– + 0.2 V, VDD = VIT– –0.2 V
3
at MR
VDD ≥ VIT– + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
100
ns
SWITCHING CHARACTERISTICS
at RL = 1 MΩ, CL = 50 pF, TA = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS3801T50
15
25
35
VDD ≥ VIT– + 0.2 V,
TPS3800
60
95
140
td
RESET recovery delay time
MR
≥ 0.7 × VDD
ms
TPS3801
120
200
280
See timing diagram
TPS3802
240
380
560
VDD ≥ VIT– + 0.2 V,
MR to RESET delay
VIL = 0.3 × VDD,
15
ns
Propagation (delay) time, high-to-low-level
VIH = 0.7 × VDD
tPHL
output
VDD to RESET delay
VIL = VIT– – 0.2 V,
1
ms
VIH = VIT– + 0.2 V
SENSE to RESET
TIMING DIAGRAM
NOTE: RESET should not be forced high during the power-up sequence (until VDD > 1.1 V).
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS3800-xx TPS3801-xx TPS3802-xx


Similar Part No. - TPS3801T50DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801T50DCKR TI-TPS3801T50DCKR Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801T50DCKR TI1-TPS3801T50DCKR Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801T50DCKRG4 TI-TPS3801T50DCKRG4 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801T50DCKRG4 TI1-TPS3801T50DCKRG4 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3801T50DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801-01 TI-TPS3801-01 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com