Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5019MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5019MTC
Description  6-Bit VID Controller 2-4 Phase VRM10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5019MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5019MTC Datasheet HTML 1Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 2Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 3Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.fairchildsemi.com
REV. 1.0.7 1/5/04
Features
• Pin and Function Backward Compatible with FAN53168
and FAN53180 Controllers
• Precision Multi-Phase DC-DC Core Voltage Regulation
– ±10mV Output Voltage Accuracy Over Temperature
• Differential Remote Voltage Sensing
• Selectable 2, 3, or 4 Phase Operation
• Selectable VRM9 or VRM10 Operation
• Up to 1MHz per Phase Operation (4MHz ripple
Frequency)
• Lossless Inductor Current Sensing for Loadline
Compensation
– External Temperature Compensation
• Accurate Load-Line Programming (Meets Intel®
VRM/VRD10.0 and 10.X CPU Specifications)
• Accurate Channel-Current Balancing for Thermal
Optimization and Layout Compensation
• Convenient 12V Supply Biasing
• 6-bit Voltage Identification (VID) Input
– .8375V to 1.600V in 12.5mV Steps
– Dynamic VID Capability with Fault-Blanking for
glitch-less Output voltage Changes
• Adjustable Over Current Protection with Programmable
Latch-Off Delay. Latch-Off Function may be Disabled
•Over-Voltage Protection – Internal OVP Crowbar
Protection
Applications
• Computer DC/DC Converter VRM/VRD10.0
• Computer DC/DC Converter VRM/VRD10.X
• Computer DC/DC Converter VRM/VRD9.X
• High Current, Low Voltage DC/DC Rail
General Description
The FAN5019 is a multi-phase DC-DC controller for imple-
menting high-current, low-voltage, CPU core power regula-
tion circuits. It is part of a chipset that includes external
MOSFET drivers and power MOSFETS. The FAN5019
drives up to four synchronous-rectified buck channels in par-
allel. The multi-phase buck converter architecture uses inter-
leaved switching to multiply ripple frequency by the number
of phases and reduce input and output ripple currents. Lower
ripple results in fewer components, lower component cost,
reduced power dissipation, and smaller board area.
The FAN5019 features a high bandwidth control loop to
provide optimal response to load transients. The FAN5019
senses current using lossless techniques: Phase current is
measured through each of the output inductors. This current
information is summed, averaged and used to set the loadline
of the output via programmable "droop". The droop is tem-
perature compensated to achieve precise loadline character-
istics over the entire operating range. Additionally,
individual phase current is measured using the RDS(ON) of
the low-side MOSFETs. This information is used to dynam-
ically balance/steer per-phase current. The phase currents
are also summed and averaged for over-current detection.
Dynamic-VID technology allows on-the-fly VID changes
with controlled, glitch-less output. Additionally, short-circuit
protection, adjustable current limiting, over-voltage protec-
tion and power-good circuitry combine to ensure reliable and
safe operation. The operating temperature range is 0°C to
+85°C and the operating voltage is a single +12V supply,
which simplifies the design. The FAN5019 is available in a
TSSOP-28 package.
Block Diagram
FAN5019
V
IN
V
IN
Φ1
Φ4
V
OUT
Φ3
Φ2
FAN5009
FAN5009
FAN5019
6-Bit VID Controller 2-4 Phase VRM10.X Controller


Similar Part No. - FAN5019MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Similar Description - FAN5019MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com