Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ1U330AAFRGTL Datasheet(PDF) 11 Page - Rohm

Part # RJ1U330AAFRGTL
Description  Nch 250V/33A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RJ1U330AAFRGTL Datasheet(HTML) 11 Page - Rohm

Back Button RJ1U330AAFRGTL Datasheet HTML 6Page - Rohm RJ1U330AAFRGTL Datasheet HTML 7Page - Rohm RJ1U330AAFRGTL Datasheet HTML 8Page - Rohm RJ1U330AAFRGTL Datasheet HTML 9Page - Rohm RJ1U330AAFRGTL Datasheet HTML 10Page - Rohm RJ1U330AAFRGTL Datasheet HTML 11Page - Rohm RJ1U330AAFRGTL Datasheet HTML 12Page - Rohm RJ1U330AAFRGTL Datasheet HTML 13Page - Rohm RJ1U330AAFRGTL Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RJ1U330AAFRGTL
 
   
   
   
   
   
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
11/11
20160909 - Rev.001


Similar Part No. - RJ1U330AAFRGTL

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RJ100-E20-V1 PF-RJ100-E20-V1 Datasheet
140Kb / 1P
   Inductive ring sensor
logo
List of Unclassifed Man...
RJ11 ETC2-RJ11 Datasheet
1Mb / 16P
   Drywall Punch
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
logo
Tyco Electronics
RJ11 MACOM-RJ11 Datasheet
248Kb / 6P
   X Series-Unfiltered Modular RJ Jack
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
More results

Similar Description - RJ1U330AAFRGTL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
33N25 UTC-33N25 Datasheet
181Kb / 5P
   33A, 250V N-CHANNEL POWER MOSFET
logo
Rohm
RCJ220N25 ROHM-RCJ220N25 Datasheet
730Kb / 14P
   Nch 250V 22A Power MOSFET
RCX220N25 ROHM-RCX220N25 Datasheet
710Kb / 14P
   Nch 250V 22A Power MOSFET
RCJ080N25 ROHM-RCJ080N25 Datasheet
631Kb / 14P
   Nch 250V 8.0A Power MOSFET
RCJ510N25 ROHM-RCJ510N25 Datasheet
724Kb / 14P
   Nch 250V 51A Power MOSFET
RCD041N25 ROHM-RCD041N25 Datasheet
850Kb / 14P
   Nch 250V 4.0A Power MOSFET
RD3U080CN ROHM-RD3U080CN Datasheet
2Mb / 15P
   Nch 250V 8A Power MOSFET
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
   Nch 250V 0.5A Power MOSFET
RCX051N25 ROHM-RCX051N25 Datasheet
451Kb / 13P
   Nch 250V 5.0A Power MOSFET
RD3U060CN ROHM-RD3U060CN Datasheet
2Mb / 15P
   Nch 250V 6A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com