Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM300DU-12NFH Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM300DU-12NFH
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM300DU-12NFH Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM300DU-12NFH Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM300DU-12NFH Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM300DU-12NFH Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM300DU-12NFH Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.2004
CM300DU-12NFH
APPLICATION
High frequency switching use (30kHz to 60kHz).
Gradient amplifier, Induction heating, power supply, etc.
MITSUBISHI IGBT MODULES
CM300DU-12NFH
HIGH POWER SWITCHING USE
¡IC ...................................................................300A
¡VCES ............................................................600V
¡Insulated Type
¡2-elements in a pack
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
CIRCUIT DIAGRAM
C2E1
E2
C1
CM
C1
E2
C2E1
LABEL
4-
φ6. 5 MOUTING HOLES
3-M6 NUTS
108
18
7
18
7
18
93 ±0.25
2.8
4
0.5
0.5
0.5
0.5
14
14
14
25
2.5
21.5
25
TC measured point


Similar Part No. - CM300DU-12NFH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM300DU-12NFH MITSUBISHI-CM300DU-12NFH Datasheet
107Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
logo
Powerex Power Semicondu...
CM300DU-12NFH POWEREX-CM300DU-12NFH Datasheet
458Kb / 4P
   Dual IGBTMOD NFH-Series Module 300 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM300DU-12NFH MITSUBISHI-CM300DU-12NFH_09 Datasheet
107Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM300DU-12NFH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com