Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38-PR141C4900115 Datasheet(PDF) 1 Page - E-SWITCH

Part # 38-PR141C4900115
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

38-PR141C4900115 Datasheet(HTML) 1 Page - E-SWITCH

  38-PR141C4900115 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PR141C4900-115
10/9/2012
38-PR141C4900115
A
EBP
1
1
PANEL CUTOUT
1
3
3
A
20811
PRE-RELEASE
10/9/12
EBP
10.00 `.50
.394 `.020 in
[
]
23.00
[.906 in]
n25.00
[.984 in]
GREY BODY COLOR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NO'S FOR REFERENCE ONLY.
4. CONTACT RATINGS:
16A 125VAC [UL,cUL]
3/4HP250VAC [UL,cUL]
16(6)A 250V~ 1E4 T125 [VDE]
10(4)A 250V~ 5E4 T125 [VDE]
5. CONTACT RESISTANCE: 35mΩ MAX. INITIAL @ 50VAC
6. INSULATION RESISTANCE: 100MΩ @ 500VDC
7. DIELECTRIC STRENGTH: 1500VAC FOR 1 MINUTE
8. ELERTICAL LIFE: 6,000 CYCLES [UR,cUR]
10,000 CYCLES [VDE]
50,000 CYCLES [VDE]
9.
DENOTE CRITICAL PARAMETER
10. 2002/95/EC (ROHS) COMPLIANT
11. ILLUMINATION VOLTAGE: 24V
12. LENS COLOR: RED
POS. 1
POS. 2
SWITCH FUNCTION
ON
OFF
OPEN
1-3, 2
ON = MAINTAINED
9.00
[.354 in]
33.60
[1.323 in]
22.00
[.866 in]
2
3
CIRCUIT: SPST
1
FULLY ILLUMINATED
RED LENS
32.30
[1.272 in]
2.00
[.079 in]
MAINTAINED


Similar Part No. - 38-PR141C4900115

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-PR141C1000114 E-SWITCH-38-PR141C1000114 Datasheet
78Kb / 1P
   THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFEPRED
38-PR141C1000115 E-SWITCH-38-PR141C1000115 Datasheet
161Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
38-PR141C1000116 E-SWITCH-38-PR141C1000116 Datasheet
78Kb / 1P
   THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFEPRED
38-PR141C1000134 E-SWITCH-38-PR141C1000134 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
38-PR141C1000135 E-SWITCH-38-PR141C1000135 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-PR141C4900115

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com