Electronic Components Datasheet Search
Selected language     English  ▼


LWQ38G-Q1OO-3K6L-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LWQ38G-Q1OO-3K6L-1
Description  SMT package 0603
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2015-09-01
1
2015-09-01
CHIPLED 0603
Datasheet
Version 1.3
LW Q38G
Features:
Besondere Merkmale:
Package: SMT package 0603, colored diffused
resin
Gehäusetyp: SMT Gehäuse 0603, farbiger
diffuser Verguss
Viewing angle at 50 % I
V: 150° (horizontal); 130°
(vertical)
Abstrahlwinkel bei 50 % I
V: 150° (horizontal);
130° (vertical)
Color: Cx = 0.30, Cy = 0.28 acc. to CIE 1931
(white); CTR = 8200 K
Farbe: Cx = 0.30, Cy = 0.28 nach CIE 1931 (weiß);
CTR = 8200 K
Optical efficiency (typ.): 36 lm/W (white)
Optischer Wirkungsgrad (typ.): 36 lm/W (weiß)
ESD - withstand voltage: up to 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
ESD - Festigkeit: bis 2 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
Backlighting
Hinterleuchtung
Toys
Spielsachen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Pushbuttons and Switches
Schalter und Taster




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl