Electronic Components Datasheet Search
Selected language     English  ▼


LWQ38G-Q1OO-3K6L-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LWQ38G-Q1OO-3K6L-1
Description  SMT package 0603
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2015-09-01
10
Version 1.3
LW Q38G
Relative Forward Voltage 8) page 21
Relative Vorwärtsspannung 8) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 5 mA
Relative Luminous Intensity 8) page 21
Relative Lichtstärke 8) Seite 21
IV/IV(25)°C = f(Tj); IF = 5 mA
Chromaticity Coordinate Shift 8) page 21
Farbortverschiebung 8) Seite 21
ΔCx, ΔCy = f(Tj); IF = 5 mA
OHL03548
Tj
-40
-0.20
-20
0
20 40
˚C
60
100
-60
V
VF
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.30
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02725
0.2
0.4
0.6
0.8
1.0
1.4
-0.015
OHL03551
-20
-60 -40
20
0
40 60
j
T
˚C 100
-0.010
-0.005
0
0.005
0.010
0.015
Cy
Cx,
Cy
Cx




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl