Electronic Components Datasheet Search
Selected language     English  ▼


LWQH8G-Q2OO-3K5L-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LWQH8G-Q2OO-3K5L-1
Description  SMT package 0402
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2016-02-01
10
Version 1.2
LW QH8G
Relative Forward Voltage 7) page 21
Relative Vorwärtsspannung 7) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 5 mA
Relative Luminous Intensity 7) page 21
Relative Lichtstärke 7) Seite 21
IV/IV(25)°C = f(Tj); IF = 5 mA
Chromaticity Coordinate Shift 7) page 21
Farbortverschiebung 7) Seite 21
ΔCx, ΔCy = f(Tj); IF = 5 mA
OHL03548
Tj
-40
-0.20
-20
0
20 40
˚C
60
100
-60
V
VF
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.30
LW QH8G
-40
-20
0
20
40
60
80
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iv
Iv(25°C)
LW QH8G
-40
-20
0
20
40
60
80
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: Cx
: Cy




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl