Electronic Components Datasheet Search
Selected language     English  â–¼


LWVH8G-Q2OO-4M6N-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part No. LWVH8G-Q2OO-4M6N-1
Description  SMT package
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 9 page
background image
Version 2.1
LW VH8G
2016-03-01
9
Relative Spectral Emission - V(λ) = Standard eye response curve 8) page 22
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 8) Seite 22
Irel = f (λ); TA = 25 °C; IF = 5 mA
Radiation Characteristics 8) page 22
Abstrahlcharakteristik 8) Seite 22
Irel = f (ϕ); TA = 25 °C
40
0
380
20
60
80
rel
I
100
%
nm
λ
OHL03547
430
480
530
580
630
680
730
780
830
λ
V
LW VH8G
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: 0°
: 90°




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl