Electronic Components Datasheet Search
Selected language     English  ▼


LWVH8G-Q2OO-4M6N-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LWVH8G-Q2OO-4M6N-1
Description  SMT package
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2016-03-01
10
Version 2.1
LW VH8G
Forward Current 8) page 22 , 5) page 22
Durchlassstrom 8) Seite 22 , 5) Seite 22
IF = f (VF); TA = 25 °C
Relative Luminous Intensity 8) page 22 , 5) page 22
Relative Lichtstärke 8) Seite 22 , 5) Seite 22
IV/IV(5 mA) = f(IF); TA = 25 °C
Chromaticity Coordinate Shift 8) page 22
Farbortverschiebung 8) Seite 22
ΔCx, ΔCy = f(IF); TA = 25 °C
OHL03541
mA
2.5
F
V
F
I
10
2
10
0
5
10
5
1
V
3.5
4.5
3
4
OHL03549
(5 mA)
V
V
I
I
I
F
1
10
10
-1
10
0
5
2
1
0
10
5
10
mA 10
LW VH8G
1
2
4
6
8
10
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
:
Cx
:
Cy




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl