Electronic Components Datasheet Search
Selected language     English  ā–¼


LWVH8G-Q2OO-4M6N-1 Datasheet(PDF) 6 Page - OSRAM GmbH

Part No. LWVH8G-Q2OO-4M6N-1
Description  SMT package
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 6 page
background image
2016-03-01
6
Version 2.1
LW VH8G
Color Chromaticity Groups 3) page 22
Farbortgruppen 3) Seite 22
Chromaticity Coordinate Groups 3) page 22
Farbortgruppen 3) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4M
0.2650
0.2400
4N
0.2730
0.2710
0.2740
0.2330
0.2800
0.2630
0.2800
0.2630
5N
0.2730
0.2710
0.2870
0.2540
0.2800
0.2630
5M
0.2800
0.2630
0.2890
0.2950
0.2870
0.2540
0.2950
0.2860
0.2950
0.2860
6N
0.2890
0.2950
0.3020
0.2770
0.2950
0.2860
6M
0.2950
0.2860
0.3010
0.3120
0.3020
0.2770
0.3120
0.3120
0.3120
0.3120
0.3160
0.2980
OHL04273
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
480
460
470
Cy
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
4N
4M
5N
5M
6N
6M




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl