Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LWW5SM-KXLX-JKQL-24E4 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LWW5SM-KXLX-JKQL-24E4
Description  white SMD package
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2015-08-06
1
2015-08-06
Golden DRAGON
Datasheet
Version 1.0
LW W5SM
Features:
Besondere Merkmale:
Package: white SMD package, colorless clear
silicone resin, chip level conversion
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss, chip level conversion
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white); CTR = 5600 K
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß);
CTR = 5600 K
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Backlighting
Hinterleuchtung
Reading Lamps
Leselampen
Architectural Lighting indoor and outdoor
Architekturbeleuchtung innen und außen
Decorative Lighting
Dekorative Beleuchtung




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl