Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 8 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 8 page
background image
LWWW G6SG
2015-04-09
8
Durchlassstrom je Chip
2) Seite 20
Forward Current per Chip
2) page 20
I
F = f (VF); TA = 25 °C
Farbortverschiebung 3 Chips
2) Seite 20
Chromaticity Coordinate Shift 3 Chips
2) page 20
x, y =
f (I
F); TA = 25 °C
Relative Lichtstärke je Chip
2) 9)Seite 20
Relative Luminous Intensity per Chip
2) 9) page 20
I
V/IV(30 mA) = f (IF); TA = 25 °C
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
V
F
F
I
OHL02131
I
F
Cx/Cy
mA
0
0.280
10 20 30 40 50 60 70 80
100
0.285
0.290
0.295
0.300
0.305
0.320
Cx
Cy
V (30 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02385




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl