Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
LWWW G6SG
2015-04-09
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); 3 chips on
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
T
OHL02415
temp. ambient
temp. solder point
0
0
5
10
15
T
A
S
T
T
A
25
20
I
30
mA
F
35
˚C
T
S
20
40
60
80
120
0
A
OHL02413
0.05
0.10
0.15
0.20
0.25
0.35
p
t
F
I
D
P
t
=
T
P
t
T
F
I
1
0.05
0.5
0.2
0.02
0.1
=
0.01
0.005
D
-5
1
10
-4
10
10
-3
-2
10
10
-1
0
10
10
s
2
10
0.033
Exemplarische mittlere Lebensdauer
2) Seite 20
für Helligkeitsgruppe CA
Exemplary median Lifetime
2) page 20
for Brightness Group CA
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 15 mA/Chip
T
A = 25°C
50.000
Betriebsstunden
operating hours
I
F = 15 mA/Chip
T
A = 85°C
5.000
Betriebsstunden
operating hours
0
A
OHL02414
0.05
0.10
0.15
0.20
0.25
0.35
p
t
F
I
D
P
t
=
T
P
t
T
F
I
1
0.05
0.5
0.2
0.02
0.1
=
0.01
0.005
D
-5
1
10
-4
10
10
-3
-2
10
10
-1
0
10
10
s
2
10
0.033




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl