Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 12 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 12 page
background image
2015-04-09
12
LWWW G6SG
Maßzeichnung
10) Seite 20
Package Outlines
10) page 20
Gewicht / Approx. weight:
40 mg
Gurtung / Polarität und Lage
10) Seite 20
Verpackungseinheit 1000/Rolle, ø180 mm
oder 4000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
10) page 20
Packing unit 1000/reel, ø180 mm
or 4000/reel, ø330 mm
GPLY6118
2.8 (0.110)
0.6 (0.024)
0.7 (0.028)
0.5 (0.020)
3.5 (0.138)
2 (0.079)
0...0.15 (0.006)
C3
C1
A3
A1
C2
A2
1.6 (0.063)
3.1 (0.122)
2.6 (0.102)
0.4 (0.016)
0.5 (0.020)
0.3 (0.012)
0.7 (0.028)
0.5 (0.020)
Package marking
A1
A2
A3
C2
C3
C1
C1
Cathode
Chip 1
A1
Anode
Chip 1
C2
Cathode
Chip 2
A2
Anode
Chip 2
C3
Cathode
Chip 3
A3
Anode
Chip 3
3.5 (0.138)
4 (0.157)
1.5 (0.059)
2 (0.079)
0.3 (0.012) max.
OHTY0042
2.05 (0.081)
A3
C3
A2
C2
C1
A1
8 (0.315)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl