Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 18 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 18 page
background image
2015-04-09
18
LWWW G6SG
Augensicherheitsbewertung
Wegen der Streichung der LED aus der IEC 60825 erfolgt die Bewertung der Augensicherheit nach dem Standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems")
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "exempt"- Gruppe
(die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 10000 s bezieht). Unter realen Umständen
(für Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei
Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes
sekundäres Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
können temporär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen, Belästigungen,
Beeinträchtigungen oder sogar Unfällen führen.
Eye safety advice
Due to the cancellation of the LED from IEC 60825, the evaluation of eye safety occurs according to the standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "exempt" group
(relating to devices in the visible spectrum with an exposure time of 10000 s). Under real circumstances (for exposure
time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure
potential due to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary
reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Revision History: 2015-04-09
Previous Version:
2012-08-26
Page
Subjects (major changes since last revision)
Date of change
1, 14
JEDEC Level 4
2004-08-13
all
designed for strobe light applications
2004-11-11
1, 4
due to simplification: changed values for Cx, Cy, color temperature
2004-11-18
10, 11
Derting / Pulsderating
2005-02-10
2, 6
Including brightness rank DA
2005-05-24
3
introduction of Forward current min.
2005-12-20
9
OS-IN-2007-021
2007-10-19
2, 6
Ordering code changed
2009-04-22
all
Not for new designs
2009-10-30
15
OS-IN-2012-005
2012-04-27
18, all
Eye safety advice added; general update
2014-08-26
16
Barcode Product Label corrected
2015-04-09




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl