Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 2 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 2 page
background image
2015-04-09
2
LWWW G6SG
Anm.: -5K8L Farbselektiert nach Farbortgruppen (siehe Seite 5)
Die angegebene Helligkeit ist die Summe der Helligkeit aus 3 Chips bei einem Strom von 30 mA
je Chip. Einzelne Chiphelligkeiten werden nicht getestet.
Note: -5K8L Color selection acc. to chromaticity coordinate groups (siehe page 5)
The stated brightness is a addition of the brightness of 3 chips at a driving current of 30 mA per
chip. The brightness of each single chip will not be tested.
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of
Emission
Lichtstärke
1) 4)
Seite 20
Luminous
Intensity
1) 4) page 20
IF = 30 mA per
chip
IV (mcd)
Lichtstrom
2) 4)
Seite 20
Luminous
Flux
2) 4) page 20
IF = 30 mA per
chip
V (mlm)
Bestellnummer
Ordering Code
LWWW G6SG-CBEA-5K8L
white
3550 ... 9000
18800 (typ.)
Q65110A8778




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl