Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 3 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 3 page
background image
LWWW G6SG
2015-04-09
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 125
°C
Durchlassstrom je Chip
Forward current per chip
(min.)
(
T
A=25°C)
I
F
I
F
30
5
mA
mA
Stoßstrom je Chip
Surge current per chip
t
10 s, D = 0.1
I
FM
300
mA
Sperrspannung je Chip
5) Seite 20
Reverse voltage per chip
5) page 20
V
R
5
V
Leistungsaufnahme je Chip
Power consumption per chip
P
tot
120
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
6) Seite 20
1 chip on
Junction/ambient
6) page 20
3 chips on
Sperrschicht/Lötpad
1 chip on
Junction/solder point
3 chips on
R
th JA
R
th JA
R
th JS
R
th JS
340
600
180
180
K/W
K/W
K/W
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl