Electronic Components Datasheet Search
Selected language     English  ▼


LWWWG6SG-CBEA-5K8L Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. LWWWG6SG-CBEA-5K8L
Description  white PLCC-6 package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 4 page
background image
2015-04-09
4
LWWW G6SG
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Farbkoordinate x nach CIE 1931
3) 7) Seite 20
(typ.)
Chromaticity coordinate x acc. to CIE 1931
3) 7) page 20
I
F = 30 mA
x
0.33
Farbkoordinate y nach CIE 1931
3) 7) Seite 20
(typ.)
Chromaticity coordinate y acc. to CIE 1931
3) 7) page 20
I
F = 30 mA
y
0.33
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
120
Grad
deg.
Durchlassspannung je Chip
8) Seite 20
(min.)
Forward voltage per chip
8) page 20
(typ.)
I
F = 30 mA
(max.)
V
F
V
F
V
F
2.9
3.4
3.8
V
V
V
Sperrstrom je Chip
(typ.)
Reverse current per chip
(max.)
V
R = 5 V
I
R
I
R
0.01
10
A
A
Temperaturkoeffizient von x je Chip
(typ.)
Temperature coefficient of x per chip
I
F = 30 mA; –10°C T 100°C
TC
x
–0.2
10
-3/K
Temperaturkoeffizient von y je Chip
(typ.)
Temperature coefficient of y per chip
I
F = 30 mA; –10°C T 100°C
TC
y
–0.2
10
-3/K
Temperaturkoeffizient von
V
F je Chip
(typ.)
Temperature coefficient of
V
F per chip
I
F = 30 mA; –10°C T 100°C
TC
V
– 4.0
mV/K
Optischer Wirkungsgrad je Chip
(typ.)
Optical efficiency per chip
I
F = 30 mA
opt
26
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl