Electronic Components Datasheet Search
Selected language     English  â–¼


LWY1SG-BFOO-EKFM-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part No. LWY1SG-BFOO-EKFM-1
Description  white SMT package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 5 page
background image
Version 2.5
LW Y1SG
2015-06-12
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22 , 4) page 22
Durchlassspannungsgruppen 3) Seite 22 , 4) Seite 22
Group
Luminous Intensity 1) page 22
Luminous Intensity 1) page 22
Luminous Flux 7) page 22
Gruppe
Lichtstärke 1) Seite 22
Lichtstärke 1) Seite 22
Lichtstrom 7) Seite 22
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
AE
1000
1200
3300
AF
1200
1400
3900
BE
1400
1600
4500
BF
1600
1800
5100
CE
1800
2000
5700
CF
2000
2200
6300
DE
2200
2400
6900
DF
2400
2600
7500
EE
2600
2800
8100
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
4
2.90
3.20
5
3.20
3.60




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl