Electronic Components Datasheet Search
Selected language     English  â–¼


LWY87C-S1T2-3K8L Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LWY87C-S1T2-3K8L
Description  white SMT package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2016-02-01
1
2016-02-01
Micro SIDELED 3010
Datasheet
Version 2.2
LW Y87C
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % IV: 120° (horizontal); 120°
(vertical)
•
Abstrahlwinkel bei 50 % IV: 120° (horizontal);
120° (vertical)
•
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl